Part Number Hot Search : 
HWL34YRA 73S8024 EC3AB11 MS108 630BH023 90TFIR10 3PR5K PMT8250
Product Description
Full Text Search
 

To Download RP08-2405DAW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features regulated converters ? 4:1 wide input voltage range ? 1.6kvdc isolation ? ul, en50155 certifed ? effciency to 88% ? protected outputs ? high input voltage range (110vdc) pd-1 rev.: 2/2016 www.recom-power.com dc/dc converter 3 y e a r w a r r a n t y 3 description the rp08-aw series wide range input dc/dc converters are certifed to ul 60950-1 and cul 60950-1. this makes them ideal for all telecom and industrial applications where approved safety standards are required. the 24v and 110vdc input versions have been especially designed for railway applications. the dip24 package is available in both pinned and smd case styles and meets military standards for thermal shock and vibration tolerance. e196683 8 watt dip24/smd single & dual output rp08-aw selection guide part number input output output input (1) effciency (1) max. capacitive voltage range voltage current current typ. load (2) [vdc] [vdc] [ma] [ma] [%] [f] rp08-243.3saw (3) 9-36 3.3 2400 388 85 1330 rp08-2405saw (3) 9-36 5 1600 383 87 1330 rp08-2412saw (3) 9-36 12 666 387 86 288 rp08-2415saw (3) 9-36 15 533 387 86 200 rp08-483.3saw (3) 18-75 3.3 2400 194 85 1330 rp08-4805saw (3) 18-75 5 1600 192 87 1330 rp08-4812saw (3) 18-75 12 666 191 87 288 rp08-4815saw (3) 18-75 15 533 189 88 200 rp08-1103.3saw (3) 43-160 3.3 2400 86 84 1330 rp08-11005saw (3) 43-160 5 1600 86 85 1330 rp08-11012saw (3) 43-160 12 666 84 86 288 rp08-11015saw (3) 43-160 15 533 85 86 200 RP08-2405DAW (3) 9-36 5 800 397 84 900 rp08-2412daw (3) 9-36 12 333 387 86 133 rp08-2415daw (3) 9-36 15 267 388 86 90 rp08-4805daw (3) 18-75 5 800 198 84 900 rp08-4812daw (3) 18-75 12 333 191 87 133 rp08-4815daw (3) 18-75 15 267 192 87 90 rp08-11005daw (3) 43-160 5 800 89 82 900 rp08-11012daw (3) 43-160 12 333 85 85 133 rp08-11015daw (3) 43-160 15 267 86 85 90 ul60950-1 certifed en50155 certifed input voltage output voltage s ingle or d ual rp08-__ __ _aw/_ package (3) model numbering ordering examples rp08-4805aw/smd = 48v input, 5v output, smd package rp08-2405aw = 24v input, 5v output, dip24 package notes: note3: no suffx for standard package (dip24), add suffx smd for smd package notes: note1: maximum value at nominal input voltage and full load note2: test by minimum vin and constant resistor load.
basic characteristics parameter condition min. typ. max. input voltage range nom. vin = 24v nom. vin = 48v nom. vin = 110v 9vdvc 18vdc 43vdc 24vdc 48vdc 110vdc 36vdc 75vdc 160vdc under voltage lockout (uvlo) vin= 24v dc-dc on dc-dc off 8vdc 9vdc vin= 48v dc-dc on dc-dc off 16vdc 18vdc vin=110v dc-dc on dc-dc off 40vdc 43vdc input filter pi-type input refected ripple current nominal vin and full load 20map-p input surge voltage vin = 24v, 100ms max. vin = 48v, 100ms max. vin = 110v, 100ms max. 50vdc 100vdc 170vdc start-up time power up remote on/off 450ms 5ms operating frequency range 270khz 300khz 330khz minimum load 0% ripple and noise 20mhz bandwidth vin = 24v vin = 48v vin = 110v 50mvp-p 50mvp-p 75mvp-p remote on/off (4) positive logic dc-dc on dc-dc off open or 3.0 < vr < 12vdc short or 0 < vr < 1.2vdc input current of remote pin (ctrl) dc-dc off 2.5ma dc-dc on -0.5ma +0.5ma continued on next page pd-2 rev.: 2/2016 www.recom-power.com dc/dc converter specifcations measured at ta = 25c, nominal input voltage, full load otherwise noted rp08-aw series notes: note4: the on/off control pin voltage is referenced to -vin pin. effciency vs. output current effciency vs. input voltage efficiency [%] input voltage [vdc] 9 65 70 75 80 85 95 15 18 24 30 36 12 21 27 33 90 efficiency [%] output current [%] 10 65 55 50 45 40 70 75 80 85 95 20 40 60 80 100 30 50 70 90 90 9vin 24vin 36vin rp08-2405saw
dc/dc converter specifcations measured at ta = 25c, nominal input voltage, full load otherwise noted regulations parameter condition value output voltage accuracy 1% line voltage regulation low line to high line, full load 0.2% load voltage regulation no load to full load dip24 single dual 0.5% 1% smd single dual 1% 1% 10% load to 90% load dip24 single dual 0.3% 0.8% smd single dual 0.8% 0.8% cross regulation asymmetrical 25%<>100% load 5% transient response recovery time 25% load step change 250 s typ. rp08-aw series pd-3 rev.: 2/2016 www.recom-power.com effciency vs. output current effciency vs. output current effciency vs. input voltage effciency vs. input voltage efficiency [%] input voltage [vdc] 18 65 70 75 80 85 95 30 36 48 60 75 72 24 42 54 66 90 efficiency [%] input voltage [vdc] 43 60 65 70 75 80 90 67 79 103 139 160 55 91 127 115 151 85 18vin 48vin 75vin efficiency [%] output current [%] 10 60 55 50 45 40 65 70 75 80 95 90 20 40 60 80 100 30 50 70 90 85 43vin 110vin 160vin efficiency [%] output current [%] 10 60 55 50 40 45 65 70 75 80 90 95 20 40 60 80 100 30 50 70 90 85 rp08-4805saw rp08-11005saw
environmental parameter condition value operating temperature range (6) without derating with derating -40c to +85c -40c to +105c maximum case temperature +105c temperature coeffcient 0.02%/c max. thermal impedance natural convection (20lfm) 20c/watt operating humidity non-condensing 5% - 95% rh shock mil-std-810f thermal shock mil-std-810f vibration mil-std-810f mtbf mil-hdbk-217f bellcore-tr-nwt-000332 (7) 2832 x 10 3 hours 2350 x 10 3 hours -40 60 85 100 40 20 0 -20 0 20 40 60 80 100 ambient temperature [c] output power [%] 120 105 80 pd-4 rev.: 2/2016 www.recom-power.com dc/dc converter specifcations measured at ta = 25c, nominal input voltage, full load otherwise noted rp08-aw series derating graph (8) rp08-4805saw notes: note6: converter can meet the railway t2 and tx temperature requirement note7: bellcore tr-nwt-000332. case l: 50% stress, temperature at 40c (ground benign and controlled environment). mil-hdbk-217f, notice 2, full load, 25c, ground benign. note8: derating graphs are valid only for the shown part numbers. if you need detailed derating-information about a part- number not shown here please contact our technical support service at techsupportat@recom-power.com. protections parameter condition value short circuit protection (scp) continuous, automatic recovery over voltage protection (ovp) single output 3.3vout 5vout 12vout 15vout 3.9vdc typ. 6.2vdc typ. 15vdc typ. 18vdc typ. over load protection (olp) % of iout rated 150% typ. isolation voltage dip24 i/p to o/p i/p (o/p) to case 1.6kvdc/1 minute 1.6kvdc/1 minute smd i/p to o/p i/p (o/p) to case 1.6kvdc/1 minute 1.0kvdc/1 minute isolation resistance 500vdc 1g ? min. isolation capacitance 1500pf max. notes: note5: this power module is not internally fused. an input line fuse must always be used.
safety and certifications certifcate type (safety) report / file number standard ul general safety e196683 ul60950-1 1st ed.: 2003 c22.2 no. 60950 1st. ed.: 2003 railway 15a100701e-c en50155 emc compliance condition standard / criterion emi standard (9) with external flter en55022, en55011, class a or b esd radiated immunity fast transient (10) surge (10) conducted immunity air 8kv and contact 6kv 20 v/m 2kv 2kv 10 vr.m.s en61000-4-2, criteria a en61000-4-3, criteria a en61000-4-4, criteria a en61000-4-5, criteria a en61000-4-6, criteria a dc/dc converter specifcations measured at ta = 25c, nominal input voltage, full load otherwise noted rp08-aw series pd-5 rev.: 2/2016 www.recom-power.com notes: note9: the standard modules meet emi class a or class b with external components, see flter suggestions below. note10: an external input flter capacitor is required if the module has to meet en61000-4-4, en61000-4-5. recom suggests nippon chemi-con ky series 220f/100v (24v and 48v) or 150f/200v (110v). emi filtering class a input input dc dc fuse c1 +v in +v out -v out -v in load c3 c2 c2 dc dc fuse c1 +v in +v out com -v out -v in load load c3 input input dc dc fuse c1 +v in +v out -v out -v in load c3 c2 c2 dc dc fuse c1 +v in +v out com -v out -v in load load c3 model c1 c2 c3/c4 rp08-24xxs_dw rp08-24xxs_dw/smd 1.0f/50v 1210mlcc n/a 1000pf/2kv 1206 mlcc rp08-48xxs_dw rp08-48xxs_dw/smd 0.47f/100v 1810mlcc n/a 1000pf/2kv 1206 mlcc rp08-110xxs_dw rp08-110xxs_dw/smd 1f/250v 1812 mlcc 1f/250v 1812 mlcc 1000pf/2kv 1206 mlcc emi filtering class b input input dc dc fuse c2 c1 +v in +v out -v out -v in load c4 c3 +v out com -v out load load l1 dc dc fuse c2 c1 +v in +v out -v out -v in c4 c3 l1 input input dc dc fuse c2 c1 +v in +v out -v out -v in load c4 c3 +v out com -v out load load l1 dc dc fuse c2 c1 +v in +v out -v out -v in c4 c3 l1 model c1 c2 c3/c4 c5 l1 rp08-24xxs_dw rp08-24xxs_dw/smd 4.7f/50v 1812 mlcc n/a 1000pf/2kv 1206 mlcc n/a cmc: 325h ref.: we 744290321 ref.: cmc-06 rp08-48xxs_dw rp08-48xxs_dw/smd 1.5f/100v 1812 mlcc 1.5f/100v 1812 mlcc 1000pf/2kv 1206 mlcc n/a cmc: 325h ref.: we 744290321 ref.: cmc-06 rp08-110xxs_dw rp08-110xxs_dw/smd 1f/250v 1812 mlcc n/a 1000pf/2kv 1206 mlcc 22f/200v al cap. (lie down) chemi-con kmf cmc: 497h ref.: we 7448013501
pd-6 rev.: 2/2016 www.recom-power.com dc/dc converter specifcations measured at ta = 25c, nominal input voltage, full load otherwise noted rp08-aw series dimensions and physical characteristics parameter type value material case base potting nickel coated copper non-conductive black plastic epoxy (ul94-v0) package dimensions (lxwxh) dip smd 31.8 x 20.3 x 10.3mm 32.0 x 21.3 x 10.9mm package weight dip smd 18g 20g dip24 dimension drawing (mm) pin connections pin # single dual 1 ctrl ctrl 2 -vin -vin 3 -vin -vin 9 nc com 11 nc -vout 14 +vout +vout 16 -vout com 22 +vin +vin 23 +vin +vin pin pitch tolerance 0.25mm pin dimension tolerance 0.1mm xx.x 0.5mm xx.xx 0.25mm nc = no connection 20.3 3.8 10.2 31.8 ? 0.5 20.32 2.0 2 3 bottom view 9 11 23 22 16 14 1 5.08 15.20 2.54 smd dimension drawing (mm) 10.9 11.2 20.3 2.54 0.50 1.60 2.40 32.0 10.16 27.94 25.4 25.4 2.54 1.0 x 0.50 1 4 5 9 10 11 12 3 2 24 21 20 bottom view top view 16 15 14 13 22 23 pin area pin connections pin # single dual 1 ctrl ctrl 2 -vin -vin 3 -vin -vin 9 nc com 11 nc -vout 14 +vout +vout 16 -vout com 22 +vin +vin 23 +vin +vin others nc nc pin pitch tolerance 0.25mm pin dimension tolerance 0.1mm xx.x 0.5mm xx.xx 0.25mm nc = no connection
dc/dc converter specifcations measured at ta = 25c, nominal input voltage, full load otherwise noted rp08-aw series pd-7 rev.: 2/2016 www.recom-power.com packaging information parameter type value packaging quantity 7pcs. storage temperature range -55c to +125c storage humidity 5% - 95% rh the product information and specifcations are subject to change without prior notice. recom products are not authorized for use in safety-critical applications (such as life support) without recoms explicit written consent. a safety-critical application is defned as an application where a failure of a recom product may reasonably be expected to endanger or cause loss of life, infict bodily harm or damage property. the buyer shall indemnify and hold harmless recom, its affliated companies and its representatives against any damage claims in connection with the unauthorized use of recom products in such safety-critical applications.


▲Up To Search▲   

 
Price & Availability of RP08-2405DAW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X